Part Number Hot Search : 
HD6433 4PC50F HMC48 PBSS4 P2415 KAQY212S UPC587 IRF7326
Product Description
Full Text Search
 

To Download HCGF6A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGF6A Series
(Warranty of 2,000 hours at 85C)
Product Specifications Features * The size is reduced by about 14% of the HCGF5 type and the rating 500 V DC is added in the series. A super large case product of o100 is also added.
Items Specifications Temperature range -25C ~ +85C Capacitance tolerance 20% (20C,120Hz) Rated voltage 400 ~ 500V.DC 0.01CV (A) or 5mA, whichever is smaller or less Leakage current [C = nominal capacitance (F), V = rated voltage (V)] Dissipation factor Less than the value specified in the standard products table. (20C,120Hz) Permissible ripple current As specified in the standard products table. (40C,120Hz) After the rated voltage (specified ripple current convolution) is applied at 85C for 2000 hours: Capacitance tolerance: 15% or less of the initial value Dissipation factor: 175% or less of the specified initial value Leakage current: Specified initial value or less JIS C 5101-4.
High-temperature load
Others
Ripple current correction coefficient
Temperature (C) 40 60 70 85 Correction coefficient 1.0 0.75 0.62 0.37 Frequency (Hz) 50/60 120 300 1K 10K Correction coefficient 0.7 1.0 1.1 1.3 1.4 Ripple current should be under 60Arms at M5 (100Arms at M6 for G case) in accordance with from the permissible current.
Product symbol : (Example) HCGF6 Series A case 400V 10,000F20% HCGF6 A 2G 103 Y ( )
Case code () Type of bracket code Capacitance code Rated voltage code Terminal code A (screw)
Type of series
Standard value and case size
Rated Voltage Capacitance Case size V. DC (F) oDXL(mm) 400V(2G) 2200 051x115 051x130 2700 064x960 3300 064x960 3900 064x115 4700 064x130 5600 077x115 6800 077x130 8200 077x155 077x195 10000 090x131 12000 090x157 15000 090x196 090x236 18000 101x175 22000 101x237 Case code C12R C13R D10R D10R D12R D13R E12R E13R E16R E20R F13R F16R F20R F24R G18R G24R tan Ripple carrent (Arms) 20C,120Hz 40C,120Hz 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 16.5 19.2 18.7 20.7 24.1 27.8 30.6 35.4 41.6 50.5 45.8 53.8 65.7 77.7 69.8 86.8 Product name HCGF6A2G222Y HCGF6A2G272YC HCGF6A2G272YD HCGF6A2G332Y HCGF6A2G392Y HCGF6A2G472Y HCGF6A2G562Y HCGF6A2G682Y HCGF6A2G822Y HCGF6A2G103YE HCGF6A2G103YF HCGF6A2G123Y HCGF6A2G153Y HCGF6A2G183YF HCGF6A2G183YG HCGF6A2G223Y
( ) case code : If two types of shape exist for the same rating, enter the first English letter of case code.
Attachment of legs * See page 38 for shapes and dimensions. * Product names in the Standard Units Rating Table correspond to the attachment legs for Type Y (Type for o36 only), but Type attachment legs may be used (Shape Code = ). * If attachment legs are not necessary, enter "N" for the attachment leg shape code. * Attachment legs will be delivered separately.
Rated Voltage Capacitance Case size tan Ripple carrent Case code (Arms) V. DC (F) oDXL(mm) 20C,120Hz 40C,120Hz 450V(2W) 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 051x115 051x130 064x960 064x960 064x115 064x130 077x115 077x130 077x155 077x195 090x131 090x171 090x196 101x175 090x236 101x195 101x237 C12R C13R D10R D10R D12R D13R E12R E13R E16R E20R F13R F17R F20R G18R F24R G20R G24R 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 14.9 17.3 16.9 18.7 22.2 25.3 28.1 32.1 37.9 45.8 41.5 50.6 58.7 57.0 70.9 66.5 78.5
Product name HCGF6A2W182Y HCGF6A2W222YC HCGF6A2W222YD HCGF6A2W272Y HCGF6A2W332Y HCGF6A2W392Y HCGF6A2W472Y HCGF6A2W562Y HCGF6A2W682Y HCGF6A2W822YE HCGF6A2W822YF HCGF6A2W103Y HCGF6A2W123YF HCGF6A2W123YG HCGF6A2W153YF HCGF6A2W153YG HCGF6A2W183Y
Rated Voltage Capacitance Case size tan Ripple carrent Case code (Arms) V. DC (F) oDXL(mm) 20C,120Hz 40C,120Hz 12.2 C12R 0.20 051x115 500V(2H) 1200 12.5 D10R 0.20 064x960 14.3 C13R 0.20 051x130 1500 13.9 D10R 0.20 064x960 16.4 D12R 0.20 1800 064x115 19.0 D13R 0.20 2200 064x130 21.3 E12R 0.20 2700 077x115 24.6 E13R 0.20 3300 077x130 28.7 E16R 0.20 3900 077x155 32.9 E17R 0.20 077x171 4700 31.4 F13R 0.20 090x131 37.8 E20R 0.20 077x195 5600 36.7 F16R 0.20 090x157 41.8 F17R 0.20 6800 090x171 48.5 F20R 0.20 090x196 8200 47.1 G18R 0.20 101x175 57.9 F24R 0.20 090x236 10000 54.3 G20R 0.20 101x195 64.1 G24R 0.20 12000 101x237
Product name HCGF6A2H122YC HCGF6A2H122YD HCGF6A2H152YC HCGF6A2H152YD HCGF6A2H182Y HCGF6A2H222Y HCGF6A2H272Y HCGF6A2H332Y HCGF6A2H392Y HCGF6A2H472YE HCGF6A2H472YF HCGF6A2H562YE HCGF6A2H562YF HCGF6A2H682Y HCGF6A2H822YF HCGF6A2H822YG HCGF6A2H103YF HCGF6A2H103YG HCGF6A2H123Y
Hitachi AIC Inc.


▲Up To Search▲   

 
Price & Availability of HCGF6A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X